|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SAW Bandpass Filter 260901B 1. Features IF bandpass filter High attenuation Single-ended operation DIP Package Maximum Storage Temperature Range : -40 ~ 85 Electrostatics Sensitive Device (ESD) 2. Package Dimension 12.80.5 5.5max 6.0max 7.60.2 2.50.2 25.40.2 ITF 06A001 260901B 35.10.5 Package : D3512 0.450.05 2.50.2 Pin Configuration 1 Input Output Ground Case ground Dimensions shown are nominal in millimeters Base : Fe(SPCC), Au plating over Ni plated Cap : Cu & Cr Alloy, Ni Plated Termination : Kovar, Au Plated 5 2, 4 3, 6 I T F Co., Ltd. 102-901, Bucheon Technopark 364, Samjeong-Dong, Ojeong-Gu, Bucheon-City, Gyounggi-Do, Korea 421-809 Part No. Rev. Date Rev. 260901B 2006-11-20 NM6024-CS02 1/10 SAW Bandpass Filter 260901B 3. Specifications Fo = 240.0 MHz Terminating source impedance Terminating load impedance : 50 and matching network : 50 and matching network Minimum Center Frequency Insertion Loss 1dB Bandwidth 3dB Bandwidth 40dB Bandwidth Amplitude Ripple (Fo +/- 4.375 MHz) Group Delay Variation (Fo +/- 4.375 MHz) Absolute Delay Ultimate Rejection Temperature Coefficient of Frequency MHz dB MHz MHz MHz dB nsec usec dB ppm/C 9.4 50 - Typical 240 26.5 9.2 9.52 10.83 0.55 50 3.04 53 -23 Maximum 30.0 11 1 100 - Notes : 1) 2) 3) All specifications are based on the matching schematic shown below All specifications are measured by Agilent Network analyzer and full 2 port calibration at room temperature All attenuation measurements are measured relative to insertion loss I T F Co., Ltd. 102-901, Bucheon Technopark 364, Samjeong-Dong, Ojeong-Gu, Bucheon-City, Gyounggi-Do, Korea 421-809 Part No. Rev. Date Rev. 260901B 2006-11-20 NM6024-CS02 2/10 SAW Bandpass Filter 260901B 4. Matching Schematic ( Actual matching values may vary due to PCB layout and parasitics ) Input 50 L1 L2 Output 50 C1 C2 L1 = 3.3nH, L2 = 3.3nH C1 = 22pF, C2 = 22pF 5. Marking Configuration ITF1) 06A0012) 260901B3) 1) Manufacturer name 2) Lot Number 3) Part Number I T F Co., Ltd. 102-901, Bucheon Technopark 364, Samjeong-Dong, Ojeong-Gu, Bucheon-City, Gyounggi-Do, Korea 421-809 Part No. Rev. Date Rev. 260901B 2006-11-20 NM6024-CS02 3/10 SAW Bandpass Filter 260901B 6. Typical Performance ( at +25 ) 24 Jul 2006 16:43:27 1: 0. 0000 dB 0. 000 000 MHz CH1 S21 LOG 10 dB/ REF -26.59 dB CH1 Markers 1 Cor 2 BW : 10. 855765 MHz MHz REF=1 cent : 239 . 896352 Q: 22. 099 1_loss : -26 . 504 dB 3 4 CENTER 240 . 000 000 MHz SPAN 28. 000 000 MHz CH1 CH2 S21 S21 LOG DEL 1 dB/ 100 ns/ REF -26.42 dB REF 3.025 us 24 Jul 2006 16:45:10 1: 0. 0000 dB 0. 000 000 MHz 3: -38 . 147 ns 8. 750 000 MHz CH1 Markers BW : Cor 9. 519891 MHz MHz REF=1 cent : 239 . 943588 Q: 25. 204 1 2 1_loss : -26 . 531 dB 3 Smo Cor 3 2 4 CH2 Markers mean : 3. 0384 us s. dev : 10. 912 ns p-p : 53. 128 ns REF=2 CENTER 240 . 000 000 MHz SPAN 11. 000 000 MHz I T F Co., Ltd. 102-901, Bucheon Technopark 364, Samjeong-Dong, Ojeong-Gu, Bucheon-City, Gyounggi-Do, Korea 421-809 Part No. Rev. Date Rev. 260901B 2006-11-20 NM6024-CS02 4/10 SAW Bandpass Filter 260901B CH1 CH2 S21 S21 LOG LOG 1 dB/ 1 dB/ REF -26.42 dB REF -26.79 dB 24 Jul 2006 16:44:51 1: 0. 0000 dB 0. 000 000 MHz 3: . 11720 dB 8. 750 000 MHz CH1 S21 LOG 10 dB/ REF -27.1 dB 24 Jul 2006 16:55:31 1: 0. 0000 dB 0. 000 000 MHz CH1 Markers BW : Cor 9. 185749 MHz MHz REF=1 CH1 Markers 2: -61 . 613 dB 240 . 000 MHz 1 3: -57 . 489 dB 480 . 000 MHz REF=1 cent : 239 . 957212 Q: 26. 123 1 2 1_loss : -26 . 547 dB 3 4 3 2 Cor CH2 Markers mean : -26 . 606 dB s. dev : . 12840 dB p-p : . 50430 dB 3 2 CENTER 240 . 000 000 MHz SPAN 11. 000 000 MHz START . 010 000 MHz STOP 850 . 000 000 MHz REF=2 CH1 CH2 S11 S22 SWR SWR 1/ 1/ REF 4.938 REF 2.368 24 Jul 2006 16:46:26 1: 4. 9419 240 . 000 000 MHz 2: 2. 3723 240 . 000 000 MHz CH1 CH2 S11 S22 1 U FS 1 U FS 1: 11. 015 2: 25. 159 14. 551 19. 479 24 Jul 2006 16:46:33 9. 6493 nH 240 . 000 000 MHz 12. 918 nH 240 . 000 000 MHz Cor Cor 1 2 1 Cor 2 Cor CENTER 240 . 000 000 MHz SPAN 28. 000 000 MHz CENTER 240 . 000 000 MHz SPAN 28. 000 000 MHz I T F Co., Ltd. 102-901, Bucheon Technopark 364, Samjeong-Dong, Ojeong-Gu, Bucheon-City, Gyounggi-Do, Korea 421-809 Part No. Rev. Date Rev. 260901B 2006-11-20 NM6024-CS02 5/10 |
Price & Availability of 260901B |